PART |
Description |
Maker |
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
XC6202P332 XC6202P332MR XC6202P502MR XC6202P182 XC |
(High Voltage) Positive Voltage Regulators Ic-smd 5.0v 100ma Reg Ic-smd 3.3v 100ma Reg
|
Torex Semiconductor
|
AS78LXX AS78L05R AS78L05RTR AS78L05Z AS78L05ZTR AS |
100mA POSITIVE VOLTAGE REGULATOR
|
http:// BCD Semiconductor Manufacturing Limited BCDSEMI
|
TS78L03CTB0 TS78L03CTA3 TS78L03ACYRM TS78L05CTB0 T |
3-Terminal 100mA Positive Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
CA3085AE CA3085A CA3085 CA3085B CA3085E CA3085BE |
Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA .76V正电压调节器的电流高00mA
|
Harris, Corp. HARRIS[Harris Corporation]
|
MIC5200 MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.3BM |
100mA Low-Dropout Voltage Regulator Preliminary Information Circular Connector; No. of Contacts:32; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-32 100mA Low-Dropout Voltage Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 PT 41C 41#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W,PTN78060H : 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 MB 32C 32#20 PIN RECP 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
LM317LBDR2 MPS2222ARLRM LM317LZRP LM317LZRPG MPS22 |
100mA, Adjustable Output, Positive Voltage Regulator Small Signal General Purpose NPN
|
ON Semiconductor
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
KA78L10 KA78L10A KA78L10AZ KA78L05AAZBU KA78L05AAZ |
5.0 AMP POSITIVE VOLTAGE REGULATOR 24 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 10 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 SMT CRCW04027500FRT1 RES0402 750 0.01 1/ RESISTOR 6.8K SMT 0402 CHIP 1/16W 5% THICK FILM 3-terminal 0.1A positive voltage regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
AMPAL16R6AL/B2A PAL16L-4DC PAL16L-72DC PAL16L-42DC |
20-PIN TTL PROGRAMMABLE ARRAY LOGIC 20针的TTL可编程阵列逻辑 Fuse-Programmable PLD 保险丝,可编程的PLD 3/8 Pin 100mA Fixed 5V Positive Voltage Regulator 3-TO-92 0 to 125 5.0 AMP POSITIVE VOLTAGE REGULATOR 20-PIN TTL PROGRAMMABLE ARRAY LOGIC
|
http:// Rubycon, Corp. Advanced Micro Devices, Inc.
|
|